Part Number Hot Search : 
MAXL001 IRFZ3 84134311 DK0034T R2812S PT150S8 106K0 00041
Product Description
Full Text Search
 

To Download ILD74 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL74/ILD74/ILQ74
Vishay Semiconductors
Optocoupler, Phototransistor Output (Single, Dual, Quad Channel)
Single Channel
A C NC 1 2 3 6B 5C 4E
FEATURES
* IL74/ILD74/ILQ74 TTL compatible * Transfer ratio, 35 % typical * Coupling capacitance, 0.5 pF * Single, dual, and quad channel * Industry standard DIP packages * Lead (Pb)-free component
A C C A 1 2 3 4 8E 7C 6C 5E
Dual Channel
* Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J, double protection * CSA 93751 * BSI IEC 60950; IEC 60065 * DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending available with option 1, X001 suffix * FIMKO
Quad Channel
A C C A A C C A
1 2 3 4 5 6 7 8
16 E 15 C 14 C 13 E 12 E 11 C 10 C 9E
i179015
DESCRIPTION
The IL74/ILD74/ILQ74 is an optically coupled pair with a GaAIAs infrared LED and a silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output.The IL74/ILD74/ILQ74 is especially for driving medium-speed logic, where it may be used to eliminate troublesome ground loop and noise problems. Also it can be used to replace relays and transformers in many digital interface applications, as well as analog applications such as CTR modulation. The ILD74 has two isolated channels in a single DIP package; the ILQ74 has four isolated channels per package.
ORDER INFORMATION
PART IL74 ILD74 ILQ74 IL74-X006 ILD74-X006 ILD74-X007 ILD74-X009 ILQ74-X009 REMARKS CTRDC > 12.5 %, single channel DIP-6 CTRDC > 12.5 %, dual channel DIP-8 CTRDC > 12.5 %, quad channel DIP-16 CTRDC > 12.5 %, single channel DIP-6 400 mil (option 6) CTRDC > 12.5 %, dual channel DIP-8 400 mil (option 6) CTRDC > 12.5 %, dual channel SMD-8 (option 7) CTRDC > 12.5 %, dual channel SMD-8 (option 9) CTRDC > 12.5 %, dual channel SMD-16 (option 9)
Note For additional information on the available options refer to option information. Document Number: 83640 Rev. 1.6, 09-Jan-08 For technical questions, contact: optocoupler.answers@vishay.com www.vishay.com 1
IL74/ILD74/ILQ74
Vishay Semiconductors
Optocoupler, Phototransistor Output (Single, Dual, Quad Channel)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Peak reverse voltage Forward continuous current Power dissipation Derate linearly from 55 % OUTPUT Collector emitter breakdown voltage Emitter collector breakdown voltage Collector base breakdown voltage Power dissipation Derate linearly from 25 C COUPLER Isolation test voltage Isolation resistance t = 1.0 s VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C IL74 ILD74 ILQ74 IL74 ILD74 ILQ74 VR IF Pdiss 3.0 60 100 1.33 20 5.0 70 150 2.0 5300 1012 1011 200 400 500 2.7 5.33 6.67 7.0 7.0 Tstg Tamb - 55 to + 150 - 55 to + 100 10 V mA mW mW/C V V V mW mW/C VRMS mW mW mW mW/C mW/C mW/C mm mm C C s TEST CONDITION PART SYMBOL VALUE UNIT
BVCEO BVECO BVCBO Pdiss
VISO RIO RIO Ptot Ptot Ptot
Total package dissipation
Derate linearly from 25 C Creepage distance Clearance distance Storage temperature Operating temperature Lead soldering time at 260 C
Note Tamb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Reverse current Capacitance OUTPUT Collector emitter breakdown voltage Collector emitter leakage current Capacitance collector emitter COUPLER Saturation voltage, collector emitter Resistance (input to output) Capacitance (input to output) IC = 2.0 mA, IF = 16 mA VCEsat RIO CIO 0.3 100 0.5 0.5 V G pF IC = 1.0 mA VCE = 5.0 V, IF = 0 A VCE = 0 V, f = 1.0 Hz BVCEO ICEO CCE 20 50 5.0 10 500 V nA pF IF = 20 mA VR = 3.0 V VR = 0 V VF IR CO 1.3 0.1 25 1.5 100 V A pF TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
www.vishay.com 2
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83640 Rev. 1.6, 09-Jan-08
IL74/ILD74/ILQ74
Optocoupler, Phototransistor Output (Single, Dual, Quad Channel)
CURRENT TRANSFER RATIO
PARAMETER DC current transfer ratio TEST CONDITION IF = 16 mA, VCE = 5.0 V SYMBOL CTRDC MIN. 12.5 TYP. 35 MAX. UNIT %
Vishay Semiconductors
SWITCHING CHARACTERISTICS
PARAMETER Switching times TEST CONDITION RL = 100 , VCE = 10 V, IC = 2.0 mA SYMBOL ton, toff MIN. TYP. 3.0 MAX. UNIT s
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
1.4
1.5 Tamb = - 55 C
VF - Forward Voltage (V)
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.1 1 10 100 Tamb = 85 C Tamb = 25 C
NCTR - Normalized (CTR)
1.0
Normalized to: VCE = 10 V, IF = 10 mA, TA = 25 C CTRce(sat) VCE = 0.4 V TA = 50 C
0.5 NCTR(SAT) NCTR 0.0 0.1 1 10 100
iil74_01
IF - Forward Current (mA)
iil74_03
IF - LED Current (mA)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 3 - Normalized Non-Saturated and Saturated CTR vs. LED Current
1.5
1.5
NCTR - Normalized (CTR)
NCTR - Normalized (CTR)
1.0
Normalized to: VCE = 10 V, IF = 10 mA TA = 25 C CTRce(sat) V = 0.4 V CE
Normalized to: VCE = 10 V,IF = 10 mA TA = 25 C 1.0 CTRce(sat) VCE = 0.4 V TA = 70 C 0.5 NCTR(SAT) NCTR 0.0
0.5 NCTR(SAT) NCTR 0.0 0.1 1 10 100 I F - LED Current (mA)
0.1
iil74_04
1
10
100
iil74_02
IF - LED Current (mA)
Fig. 2 - Normalized Non-Saturated and Saturated CTR vs. LED Current
Fig. 4 - Normalized Non-Saturated and Saturated CTR vs. LED Current
Document Number: 83640 Rev. 1.6, 09-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 3
IL74/ILD74/ILQ74
Vishay Semiconductors
Optocoupler, Phototransistor Output (Single, Dual, Quad Channel)
1.5
1.5
NCTRcb - Normalized CTRcb
NCTR - Normalized CTR
Normalized to: VCE = 10 V, IF = 10 mA, TA = 25 C CTRce(sat) VCE = 0.4 V 1.0 T = 85 C A
1.0
Normalized to: IF = 10 mA Vcb = 9.3 V Ta = 25 C 25 C
0.5 NCTR(SAT) NCTR 0.0 0.1 1 10 100
0.5 50 C 0.0 0.1 1 10 100 70 C
iil74_05
IF - LED Current (mA)
iil74_08
IF - Current (mA)
Fig. 5 - Normalized Non-Saturated and Saturated CTR vs. LED Current
Fig. 8 - Normalized CTRcb vs. LED Current and Temperature
35 I CE - Collector Current (mA) 30 25 20 15 10 5 0 0
iil74_06
1000 Ta = 25 C Icb = 1.0357 * IF ^ 1.3631 50 C 100 10 1 0.1 0.01 0.1 iil74_09
25 C 85 C
70 C
Icb - Collector Base Photocurrent - A
10
20
30
40
50
60
1
10
100
IF - LED Current (mA)
IF - LED Current (mA)
Fig. 6 - Collector Emitter Current vs. Temperature and LED Current
Fig. 9 - Collector Base Photocurrent vs. LED Current
105
I CEO - Collector Emitter (nA)
10
103 102 101 100 10-1 10-2 - 20 Typical VCE = 10 V
Normalized Photcurrent
104
Normalized to: IF = 10 mA, Ta = 25 C 1
0.1
0
20
40
60
80
100
iil74_07
TA - Ambient Temperature (C)
0.01 0.1 iil74_10
NIB - Ta = - 20 C NIb, Ta = 25 C NIb, Ta = 50 C NIb, Ta = 70 C 1 10 100
I F - LED Current (mA)
Fig. 7 - Collector Emitter Leakage Current vs.Temperature
Fig. 10 - Normalized Photocurrent vs. IF and Temperature
www.vishay.com 4
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83640 Rev. 1.6, 09-Jan-08
IL74/ILD74/ILQ74
Optocoupler, Phototransistor Output (Single, Dual, Quad Channel)
Vishay Semiconductors
1.2
NHFE - Normalized (HFE)
70 C 50 C 1.0 25 C - 20 C 0.8
Normalized to: Ib = 20 A VCE = 10 V Ta = 25 C
0.6
0.4 1 iil74_11 10 100 1000
Ib - Base Current (A)
Fig. 11 - Normalized Non-Saturated hFE vs. Base Current and Temperature
NHFE(sat) - Normalized Saturated HFE
1.5
70 C 50 C 1.0 25 C - 20 C 0.5 VCE = 0.4 V 0.0 1
Normalized to: VCE = 10 V IB = 20 A TA = 25 C
10
100
1000
iil74_12
Ib - Base Current (A)
Fig. 12 - Normalized Saturated hFE vs. Base Current and Temperature
1000
tpLH - Propagation Delay (s)
Ta = 25 C, IF = 10 mA VCC = 5 V, Vth = 1.5 V tpHL 100 2.0
10 tpLH 1 0.1
1.5
1
10
1.0 100
iil74_13
RL - Collector Load Resistor (K)
Fig. 13 - Propagation Delay vs. Collector Load Resistor
tpHL - Propagation Delay (s)
2.5
Document Number: 83640 Rev. 1.6, 09-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 5
IL74/ILD74/ILQ74
Vishay Semiconductors
Optocoupler, Phototransistor Output (Single, Dual, Quad Channel)
PACKAGE DIMENSIONS in inches (millimeters)
8.8 max. 7.62 0.1 0.3 A 4.2 0.1 8.6 max. B 6.4 max. 0.5 min. 3.3 0.58 max. 1.54 2.54 nom. A 654 5.08 nom. Weight: ca. 0.50 g Creepage distance: > 6 mm Air path: > 6 mm after mounting on PC board
0.3 max.
9 0.6
0.4 B
technical drawings according to DIN specifications
14770
123
Pin one ID 4 0.255 (6.48) 0.268 (6.81) 5 6 7 8 ISO method A 3 2 1
0.379 (9.63) 0.390 (9.91) 0.030 (0.76) 0.045 (1.14) 4 typ. 0.130 (3.30) 0.150 (3.81) 0.050 (1.27) 0.020 (0.51) 0.018 (0.46) 0.022 (0.56)
i178006
0.031 (0.79)
0.300 (7.62) typ.
10 0.035 (0.89) 0.100 (2.54) typ. 3 to 9 0.008 (0.20) 0.012 (0.30)
0.230 (5.84) 0.110 (2.79) 0.130 (3.30) 0.250 (6.35)
www.vishay.com 6
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83640 Rev. 1.6, 09-Jan-08
IL74/ILD74/ILQ74
Optocoupler, Phototransistor Output (Single, Dual, Quad Channel)
Vishay Semiconductors
Pin one ID 8 7 6 5 4 3 2 1 0.255 (6.48) 0.265 (6.81) 9 10 11 12 13 14 15 16 ISO method A
0.779 (19.77) 0.790 (20.07) 0.030 (0.76) 0.045 (1.14) 0.300 (7.62) typ. 0.130 (3.30) 0.150 (3.81) 4 0.018 (0.46) 0.022 (0.56) 10 typ. 3 to 9 0.008 (0.20) 0.012 (0.30)
0.031 (0.79)
0.110 (2.79) 0.130 (3.30)
0.020 (0.51) 0.035 (0.89) 0.100 (2.54) typ. 0.050 (1.27)
0.230 (5.84) 0.250 (6.35)
i178007
Option 6
0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4) 0.028 (0.7) min.
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03 ) 0.300 (7.62) ref. 0.180 (4.6) 0.160 (4.1) 0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51 ) 0.040 (1.02 ) 0.315 (8.00) min.
18450
0.315 (8.0) min. 0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92) 0.331 (8.4) min. 0.406 (10.3) max.
0.012 (0.30 ) typ.
15 max.
Document Number: 83640 Rev. 1.6, 09-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 7
IL74/ILD74/ILQ74
Vishay Semiconductors
Optocoupler, Phototransistor Output (Single, Dual, Quad Channel)
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 8
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83640 Rev. 1.6, 09-Jan-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of ILD74

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X